Part Number Hot Search : 
0213630 1N4763AG TLWR8 00B0L EH680J03 1C102 680MCL LM239DG
Product Description
Full Text Search
 

To Download 319FS134XMT18B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Composite Backshells
CONNECTOR DESIGNATOR:
with Shrink Boot Porch and Self Locking Rotatable Coupling
Finish Symbol (See Table III) Angle and Profile S - Straight B - 45 Elbow A - 90 Elbow Custom Braid Length Specify In Inches (Omit for Std. 12" Length) Shrink Boot For S and B Angle Only (Omit for None)
319-134 Composite EMI/RFI Ultra Low-Profile Shield Sock
A
F H
MIL-DTL-38999 Series I, II MIL-DTL-38999 Series III and IV
SELF-LOCKING
ROTATABLE COUPLING
Product Series 319 - EMI/RFI Shield Sock Assemblies
Optional Braid Material Omit for Standard (See Table IV)
319
H
S
134
Basic Part Number
XO
16
B
R-S
14
B
STANDARD PROFILE
Connector Designator F and H
Connector Dash Number (See Table II)
Shrink Sleeve or Boot Groove .962 Max 12.00 Min Standard Shield Length. See Part Number Development for Optional Length E
Split Ring / Band Option Split Ring (687-749) and Band (600-057-1) supplied with R option (Omit for none)
C
Optional O .125 Drain Holes 3 Minimum, Equally Spaced G Standard Shield IAW 107-030 Nickel/Copper See Table III for Optional Material Optional O .125 Drain Holes 3 Minimum, Equally Spaced Raised Configuration Manufacturers Option
F
D
Shrink Sleeve or Boot Lip
.065 .025 .07
H
E
K
Accomodates 600-057-1 Micro Band 600-057-1 Band
F
J Accomodates 600-057-1 Micro Band
G
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-16
with Shrink Boot Porch and Self Locking Rotatable Coupling
TABLE II: SHELL SIZE
Shell Size F 08 10 12 14 16 18 20 22 24 H 09 11 13 15 17 19 21 23 25 E .06 .72 (18.3) .75 (19.1) .75 (19.1) .76 (19.3) .78 (19.8) .79 (20.1) .82 (20.8) .86 (21.8) .89 (22.6) F .09 .87 (22.1) .93 (23.6) 1.00 (25.4) 1.03 (26.2) 1.05 (26.7) 1.06 (26.9) 1.09 (27.7) 1.13 (28.7) 1.16 (29.5) G Max .63 (16.0) .66 (16.8) .72 (18.3) .83 (21.1) .91 (23.1) .93 (23.6) 1.04 (26.4) 1.12 (28.4) 1.18 (30.0) H .03 1.042 (26.5) 1.107 (28.1) 1.174 (29.8) 1.241 (31.5) 1.305 (33.1) 1.371 (34.8) J .304 (7.7) .432 (11.0) .546 (13.9) .670 (17.0) .796 (20.2) .902 (22.9) K .160 (4.1) .174 (4.4) .195 (5.0) .315 (8.0) .385 (9.8) .445 (11.3) .525 (13.3) .595 (15.1) .655 (16.6)
319-134 Composite EMI/RFI Ultra Low-Profile Shield Sock
1.438 (36.5) 1.027 (26.1) 1.505 (38.2) 1.152 (29.3) 1.572 (39.9) 1.276 (32.4)
TABLE III: FINISH
Symbol XM XMT Finish Description 2000 Hour Corrosion Resistant Electroless Nickel 2000 Hour Corrosion Resistant Ni-PTFE, NickelFluorocarbon Polymer. 1000 Hour GreyTM 2000 Hour Corrosion Resistant Cadmium Olive Drab Over Electroless Nickel
XW
TABLE IV: BRAID TYPE
Symbol A B Standard T Braid Type 100% AmberStrand(R) 75%/25% AmberStrand(R) Blend Nickel/Copper 34awg Tin/Copper 34awg
NOTES
1. 2. 3. 770-001S**-0 shrink boot supplied with T option. See shrink boot product page for more details. Coupling nut supplied unplated. See Table I in Intro for front end dimensional details.
(c) 2009 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com A-17
Composite Backshells
A
B
C
D
E
F
G


▲Up To Search▲   

 
Price & Availability of 319FS134XMT18B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X